Part Number Hot Search : 
1N940B CX4SM1 UML6NTR MP356M T495X SI3400 TLHE5101 MJE1300
Product Description
Full Text Search
 

To Download 1N5817S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5817S THRU 1N5819S
Reverse Voltage - 20 to 40Volts
A-405
SCHOTTKY BARRIER RECTIFIER
FEATURES
Forward Current - 1.0 Ampere
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160(4.1)
1.0 (25.4) MIN. 0.025 (0.65) 0.021(0.55) DIA.
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Metal silicon junction,majority carrier conduction Guardring for overvoltage protection Low power loss,high efficiency High current capability,low forward voltage drop High surge capability For use in low voltage,high frequency inverters, free wheeling,and polarity protection applications High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC A-405 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.008 ounce, 0.23 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for current capacitive load derate by 20%.
SYMBOLS
1N5817S
1N5818S
1N5819S
UNITS VOLTS VOLTS VOLTS Amp Amps
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TL=90 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) Operating junction and storage temperature range
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJA TJ,TSTG
20 14 20
30 21 30 1.0 25.0
40 28 40
0.450
0.550 0.5 10.0 110.0 50.0 -65 to +125
0.600
Volts mA pF C/W C
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375"(9.5mm)lead length,P.C.B. mounted
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES 1N5817S THRU 1N5819S
PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
1
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
AVERAGE FORWARD CURRENT,AMPERES
0.75
RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTH
25
0.5
20
15
0.25
10
0
0
20
40
60
80
100
120
140
5.0
LEAD TEMPERATURE, C
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
1,00
INSTANTANEOUS FORWARD CURRENT,AMPERES
50 10 TJ=125 C
10
TJ=100 C
1 TJ=25 C
1 TJ=75 C 0.1 TJ=25 C 0.01
0.1 PULSE WIDTH=300 s 1%DUTY CYCLE
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.001 0
20
40
60
80
100
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
100
JUNCTION CAPACITANCE, pF
400
10
100
1
TJ=25 C f=1.0MHz Vsig=50mVp-p
0.1
10 0.1
0.01
0.1
1
10
100
REVERSE VOLTAGE,VOLTS
1.0
10
100
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of 1N5817S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X